Part Number Hot Search : 
OL5112L K5551 GS152 MK325B 2N542 AD104 IP2524B TA1190A
Product Description
Full Text Search
 

To Download FSH-105-04-F-DH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (1,27mm) .050" fsh, sfmh series fsh?120?04?f?ra?sl fsh?120?04?f?dh fsh?110?04?l?dh?sl sfmh?130?02?l?d?lc sfmh?120?02?l?d sfmh?105?02?l?d?lc www.samtec.com (no. of positions + 4) x (1,27) .050 no. of positions + 2 x (1,27) .050 (5,21) .205 (3,68) .145 (3,68) .145 (2,29) .090 (2,16) .085 (0,71) .028 (0,89) .035 (0,41) .016 sq (6,58) .259 (2,51) .099 (1,27) .050 (1,27) .050 (1,27) .050 (1,27) .050 1 3 2 4 (1,27) .050 (1,27) .050 (3,94) .155 (3,43) .135 f-211 mates with: sfmh note: some sizes, styles and options are non-standard, non-returnable. ?ra ?dh ?dh ?ra 05, 10, 15, 20, 25, 30, 35, 40, 45, 50 option no. pins per row sfmh 02 d plating option 1 ?lc = locking clip ?tr = tape & reel ?wt = weld tab ?l = 10" (0,25m) gold on contact, gold ? ash on tail mates with: ftsh, fsh (0,64) .025 typ (1,65) .065 (3,43) .135 (1,65) .065 (1,27) .050 (1,02) .040 (0,41) .016 (1,50) .059 (1,41) .056 dia (2,03) .080 (4,57) .180 no. of positions x (1,27) .050 + (2,92) .115 no. of positions x (1,27) .050 + (1,65) .065 01 02 03 04 horizontal applications sfmh fsh specifications no. pins per row 1 plating option options fsh row option 05, 10, 15, 20, 25 (?dh option) 05, 10, 15, 20, 25, 30, 35, 40, 45 (?ra option) (call samtec for other sizes.) ?sl = solder locks ?c = (4,50mm) .177" dia polyimide ? lm pick & place pad (10 positions minimum) not available with ?ra option ?tr = tape & reel (not available with ?ra) ?f = gold ? ash on post, matte tin on tail ?l = 10" (0,25m) gold on post, matte tin on tail ?dh = double row horizontal (surface mount) ?ra = right angle (through-hole) 04 for complete speci cations and recommended pcb layouts see www.samtec.com?fsh insulator ma te ri al: black liquid crystal polymer terminal material: phosphor bronze plating: sn or au over 50? (1,27?) ni current rating: 1.75a @ 80? ambient operating temp range: -55? to +125? rohs compliant: ye s processing: lead-free solderable: ye s smt lead coplanarity: (0,15mm) .006" max specifications for complete speci cations and recommended pcb layouts see www.samtec.com?sfmh insulator material: black, lcp contact material: phosphor bronze plating: au over 50? (1,27?) ni current rating: 2a @ 80? ambient operating temp range: -55? to +125? contact resistance: 15 m max insertion depth: (3,35mm) .132" to (4,57mm) .180" insertion force: 2.5oz (0,69n) average withdrawal force: 2.0oz (0,56n) average rohs compliant: ye s lead-free solderable: ye s smt lead coplanarity: (0,10mm) .004" max high reliable horizontal smt ? system ?lc ?wt


▲Up To Search▲   

 
Price & Availability of FSH-105-04-F-DH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X